Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 131 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 131 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 127Page - Analog Devices ADE7166 Datasheet HTML 128Page - Analog Devices ADE7166 Datasheet HTML 129Page - Analog Devices ADE7166 Datasheet HTML 130Page - Analog Devices ADE7166 Datasheet HTML 131Page - Analog Devices ADE7166 Datasheet HTML 132Page - Analog Devices ADE7166 Datasheet HTML 133Page - Analog Devices ADE7166 Datasheet HTML 134Page - Analog Devices ADE7166 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 131 of 148
When this bit is set to logic one, the SS pin is defined as the Slave Select input pin
for the SPI slave interface
0xEA
Receive buffer overflow write enable
0
If the SPI2CRX SFR has not been read when a new data byte is
received, the new byte will be discarded.
2
RxOFW
0
1
If the SPI2CRX SFR has not been read when a new data byte is
received, the new byte will overwrite the old data.
1-0
0xE9 –
0xE8
SPIR[1:0]
0
Master Mode: SPI SCLK frequency
[1:0]
00
Fcore / 8 = 512kHz if Fcore = 4.096MHz
01
Fcore / 16 = 256kHz if Fcore = 4.096MHz
10
Fcore / 32 = 128kHz if Fcore = 4.096MHz
11
Fcore / 64 = 64kHz if Fcore = 4.096MHz
Table 131. SPI Configuration Register SFR (SPIMOD2, 0xE9)
Bit
Location
Bit
Mnemonic
Default
Value
Description
SPI continuous transfer mode enable bit
0
The SPI interface will stop after one byte is transferred and SS will
be deasserted. A new data transfer can be intiated after a stalled
period.
7
SPICONT
0
1
The SPI interface will continue transferring data until no valid data is
availbale in the SPI2CTx SFR. SS will remain asserted until SPI2CTx
SFR and the transmit shift register is empty.
SPI interface enable bit
0
The SPI interface is disabled.
6
SPIEN
0
1
The SPI interface is enabled
SPI Open Drain Outputs configuration bit
0
Internal pull-up resistors are connected to the SPI outputs
5
SPIODO
0
1
The SPI outputs are open-drain and need external pull-up resistors
SPI Master Mode enable bit
0
The SPI interface is defined as a Slave
4
SPIMS_b
0
1
The SPI interface is defined as a Master
SPI clock polarity configuration bit – see Figure 84.
0
The default state of SCLK is low and the first SCLK edge is rising.
Depending on SPICPHA bit, the SPI data output changes state on
the falling or rising edge of SCLK while the SPI data input is sampled
on the rising or falling edge of SCLK.
3
SPICPOL
0
1
The default state of SCLK is high and the first SCLK edge is falling.
Depending on SPICPHA bit, the SPI data output changes state on
the rising or falling edge of SCLK while the SPI data input is sampled
on the falling or rising edge of SCLK.
SPI clock phase configuration bit – see Figure 84.
0
The SPI data output changes state when SS goes low, at the second
edge of SCLK and then every two subsequent edges while the SPI
data input is sampled at the first SCLK edge and then every two
subsequent edges.
2
SPICPHA
0
1
The SPI data output changes state at the first edge of SCLK and then
every two subsequent edges while the SPI data input is sampled at
the second SCLK edge and then every two subsequent edges.
1
SPILSBF
0
Master Mode: LSB first configuration bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com