Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 29Page - Infineon Technologies AG C167CS Datasheet HTML 30Page - Infineon Technologies AG C167CS Datasheet HTML 31Page - Infineon Technologies AG C167CS Datasheet HTML 32Page - Infineon Technologies AG C167CS Datasheet HTML 33Page - Infineon Technologies AG C167CS Datasheet HTML 34Page - Infineon Technologies AG C167CS Datasheet HTML 35Page - Infineon Technologies AG C167CS Datasheet HTML 36Page - Infineon Technologies AG C167CS Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-16
V2.0, 2000-07
General Purpose Timer (GPT) Unit
The GPT units represent a very flexible multifunctional timer/counter structure which
may be used for many different time related tasks such as event timing and counting,
pulse width and duty cycle measurements, pulse generation, or pulse multiplication.
The five 16-bit timers are organized in two separate modules, GPT1 and GPT2. Each
timer in each module may operate independently in a number of different modes, or may
be concatenated with another timer of the same module.
Each timer can be configured individually for one of four basic modes of operation, which
are Timer, Gated Timer, Counter Mode and Incremental Interface Mode (GPT1 timers).
In Timer Mode the input clock for a timer is derived from the internal CPU clock divided
by a programmable prescaler, while Counter Mode allows a timer to be clocked in
reference to external events (via TxIN).
Pulse width or duty cycle measurement is supported in Gated Timer Mode where the
operation of a timer is controlled by the ‘gate’ level on its external input pin TxIN.
In Incremental Interface Mode the GPT1 timers can be directly connected to the
incremental position sensor signals A and B via the respective inputs TxIN and TxEUD.
Direction and count signals are internally derived from these two input signals, so the
contents of timer Tx corresponds to the sensor position. The third position sensor signal
TOP0 can be connected to an interrupt input.
The count direction (up/down) for each timer is programmable by software or may
additionally be altered dynamically by an external signal (TxEUD) to facilitate e.g.
position tracking.
The core timers T3 and T6 have output toggle latches (TxOTL) which change their state
on each timer over-flow/underflow. The state of these latches may be output on port pins
(TxOUT) or may be used internally to concatenate the core timers with the respective
auxiliary timers resulting in 32/33-bit timers/counters for measuring long time periods
with high resolution.
Various reload or capture functions can be selected to reload timers or capture a timer’s
contents triggered by an external signal or a selectable transition of toggle latch TxOTL.
The maximum resolution of the timers in module GPT1 is 8 CPU clock cycles
(= 16 TCL). With their maximum resolution of 4 CPU clock cycles (= 8 TCL) the GPT2
timers provide precise event control and time measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com