Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 59Page - Infineon Technologies AG C167CS Datasheet HTML 60Page - Infineon Technologies AG C167CS Datasheet HTML 61Page - Infineon Technologies AG C167CS Datasheet HTML 62Page - Infineon Technologies AG C167CS Datasheet HTML 63Page - Infineon Technologies AG C167CS Datasheet HTML 64Page - Infineon Technologies AG C167CS Datasheet HTML 65Page - Infineon Technologies AG C167CS Datasheet HTML 66Page - Infineon Technologies AG C167CS Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-13
V2.0, 2000-07
The System Configuration Register SYSCON
This bit-addressable register provides general system configuration and control
functions. The reset value for register SYSCON depends on the state of the PORT0 pins
during reset (see hardware effectable bits).
.
SYSCON
System Control Register
SFR (FF12H/89H)
Reset Value: 0XX0H
15
14
13
12
11
10
9
876
5432
1
0
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
-
OW
D
DIS
BD
RST
EN
XP
EN
VISI
BLE
XPER-
SHARE
rw
rw
rw
rwh
rwh
rw
rwh
rw
-
rwh
rw
rw
rw
rw
Bit
Function
XPER-SHARE XBUS Peripheral Share Mode Control
0:
External accesses to XBUS peripherals are disabled.
1:
XBUS peripherals are accessible via the external bus during hold
mode.
VISIBLE
Visible Mode Control
0:
Accesses to XBUS peripherals are done internally.
1:
XBUS peripheral accesses are made visible on the external pins.
XPEN
XBUS Peripheral Enable Bit
0:
Accesses to the on-chip X-Peripherals and their functions are disabled.
1:
The on-chip X-Peripherals are enabled and can be accessed.
BDRSTEN
Bidirectional Reset Enable Bit
0:
Pin RSTIN is an input only.
1:
Pin RSTIN is pulled low during the internal reset sequence
after any reset.
OWDDIS
Oscillator Watchdog Disable Bit (Depending on reset configuration)
0:
The on-chip oscillator watchdog is enabled and active.
1:
The on-chip oscillator watchdog is disabled and the CPU clock is
always fed from the oscillator input.
CSCFG
Chip Select Configuration Control (Cleared after reset)
0:
Latched CS mode. The CS signals are latched internally
and driven to the (enabled) port pins synchronously.
1:
Unlatched CS mode. The CS signals are directly derived from
the address and driven to the (enabled) port pins.
WRCFG
Write Configuration Control (Set according to pin P0H.0 during reset)
0:
Pins WR and BHE retain their normal function.
1:
Pin WR acts as WRL, pin BHE acts as WRH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com