Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 16Page - Infineon Technologies AG C167CS Datasheet HTML 17Page - Infineon Technologies AG C167CS Datasheet HTML 18Page - Infineon Technologies AG C167CS Datasheet HTML 19Page - Infineon Technologies AG C167CS Datasheet HTML 20Page - Infineon Technologies AG C167CS Datasheet HTML 21Page - Infineon Technologies AG C167CS Datasheet HTML 22Page - Infineon Technologies AG C167CS Datasheet HTML 23Page - Infineon Technologies AG C167CS Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-3
V2.0, 2000-07
2.1.1
High Instruction Bandwidth/Fast Execution
Based on the hardware provisions, most of the C167CS’s instructions can be executed
in just one machine cycle, which requires 2 CPU clock cycles (2
× 1 / f
CPU = 4 TCL). For
example, shift and rotate instructions are always processed within one machine cycle,
independent of the number of bits to be shifted.
Branch-, multiply- and divide instructions normally take more than one machine cycle.
These instructions, however, have also been optimized. For example, branch
instructions only require an additional machine cycle, when a branch is taken, and most
branches taken in loops require no additional machine cycles at all, due to the so-called
‘Jump Cache’.
A 32-bit/16-bit division takes 20 CPU clock cycles, a 16-bit
× 16-bit multiplication takes
10 CPU clock cycles.
The instruction cycle time has been dramatically reduced through the use of instruction
pipelining. This technique allows the core CPU to process portions of multiple sequential
instruction stages in parallel. The following four stage pipeline provides the optimum
balancing for the CPU core:
FETCH: In this stage, an instruction is fetched from the internal ROM or RAM or from
the external memory, based on the current IP value.
DECODE: In this stage, the previously fetched instruction is decoded and the required
operands are fetched.
EXECUTE: In this stage, the specified operation is performed on the previously fetched
operands.
WRITE BACK: In this stage, the result is written to the specified location.
If this technique were not used, each instruction would require four machine cycles. This
increased performance allows a greater number of tasks and interrupts to be processed.
Instruction Decoder
Instruction decoding is primarily generated from PLA outputs based on the selected
opcode. No microcode is used and each pipeline stage receives control signals staged
in control registers from the decode stage PLAs. Pipeline holds are primarily caused by
wait states for external memory accesses and cause the holding of signals in the control
registers. Multiple-cycle instructions are performed through instruction injection and
simple internal state machines which modify required control signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com