Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 73Page - Infineon Technologies AG C167CS Datasheet HTML 74Page - Infineon Technologies AG C167CS Datasheet HTML 75Page - Infineon Technologies AG C167CS Datasheet HTML 76Page - Infineon Technologies AG C167CS Datasheet HTML 77Page - Infineon Technologies AG C167CS Datasheet HTML 78Page - Infineon Technologies AG C167CS Datasheet HTML 79Page - Infineon Technologies AG C167CS Datasheet HTML 80Page - Infineon Technologies AG C167CS Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-27
V2.0, 2000-07
Figure 4-8
Implicit CP Use by Short GPR Addressing Modes
The Stack Pointer SP
This non-bit addressable register is used to point to the top of the internal system stack
(TOS). The SP register is pre-decremented whenever data is to be pushed onto the
stack, and it is post-incremented whenever data is to be popped from the stack. Thus,
the system stack grows from higher toward lower memory locations.
Since the least significant bit of register SP is tied to ‘0’ and bits 15 through 12 are tied
to ‘1’ by hardware, the SP register can only contain values from F000H to FFFEH. This
allows to access a physical stack within the internal RAM of the C167CS. A virtual stack
(usually bigger) can be realized via software. This mechanism is supported by registers
STKOV and STKUN (see respective descriptions below).
The SP register can be updated via any instruction, which is capable of modifying an SFR.
Note: Due to the internal instruction pipeline, a POP or RETURN instruction must not
immediately follow an instruction updating the SP register.
SP
Stack Pointer Register
SFR (FE12H/09H)
Reset Value: FC00H
15
14
13
12
11
10
98765
43210
1111
sp
0
r
r
r
r
rwh
r
Bit
Function
sp
Modifiable portion of register SP
Specifies the top of the internal system stack.
For word GPR
accesses
accesses
For byte GPR
Control
1111
Specified by reg or bitoff
Context
Pointer
+
4-Bit GPR
Address
2
*
MCD02005
Internal
GPRs
RAM
Must be
within the
RAM area
internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com