Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 57Page - Infineon Technologies AG C167CS Datasheet HTML 58Page - Infineon Technologies AG C167CS Datasheet HTML 59Page - Infineon Technologies AG C167CS Datasheet HTML 60Page - Infineon Technologies AG C167CS Datasheet HTML 61Page - Infineon Technologies AG C167CS Datasheet HTML 62Page - Infineon Technologies AG C167CS Datasheet HTML 63Page - Infineon Technologies AG C167CS Datasheet HTML 64Page - Infineon Technologies AG C167CS Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-11
V2.0, 2000-07
4.4
Instruction State Times
Basically, the time to execute an instruction depends on where the instruction is fetched
from, and where possible operands are read from or written to. The fastest processing
mode of the C167CS is to execute a program fetched from the internal code memory. In
that case most of the instructions can be processed within just one machine cycle, which
is also the general minimum execution time.
All external memory accesses are performed by the C167CS’s on-chip External Bus
Controller (EBC), which works in parallel with the CPU.
This section summarizes the execution times in a very condensed way. A detailed
description of the execution times for the various instructions and the specific exceptions
can be found in the “C166 Family Instruction Set Manual”.
Table 4-1 shows the minimum execution times required to process a C167CS instruction
fetched from the internal code memory, the internal RAM or from external memory.
These execution times apply to most of the C167CS instructions - except some of the
branches, the multiplication, the division and a special move instruction. In case of
internal ROM program execution there is no execution time dependency on the
instruction length except for some special branch situations. The numbers in the table
are in units of CPU clock cycles and assume no waitstates.
Execution from the internal RAM provides flexibility in terms of loadable and modifyable
code on the account of execution time.
Execution from external memory strongly depends on the selected bus mode and the
programming of the bus cycles (waitstates).
Table 4-1
Minimum Execution Times
Instruction Fetch
Word Operand Access
Memory Area
Word
Instruction
Doubleword
Instruction
Read from
Write to
Internal code memory
2
2
2
–
Internal RAM
6
8
0/1
0
16-bit Demux Bus
2
4
2
2
16-bit Mux Bus
3
6
3
3
8-bit Demux Bus
4
8
4
4
8-bit Mux Bus
6
12
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com