Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 80Page - Infineon Technologies AG C167CS Datasheet HTML 81Page - Infineon Technologies AG C167CS Datasheet HTML 82Page - Infineon Technologies AG C167CS Datasheet HTML 83Page - Infineon Technologies AG C167CS Datasheet HTML 84Page - Infineon Technologies AG C167CS Datasheet HTML 85Page - Infineon Technologies AG C167CS Datasheet HTML 86Page - Infineon Technologies AG C167CS Datasheet HTML 87Page - Infineon Technologies AG C167CS Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-1
V2.0, 2000-07
5
Interrupt and Trap Functions
The architecture of the C167CS supports several mechanisms for fast and flexible
response to service requests that can be generated from various sources internal or
external to the microcontroller.
These mechanisms include:
Normal Interrupt Processing
The CPU temporarily suspends the current program execution and branches to an
interrupt service routine in order to service an interrupt requesting device. The current
program status (IP, PSW, in segmentation mode also CSP) is saved on the internal
system stack. A prioritization scheme with 16 priority levels allows the user to specify the
order in which multiple interrupt requests are to be handled.
Interrupt Processing via the Peripheral Event Controller (PEC)
A faster alternative to normal software controlled interrupt processing is servicing an
interrupt requesting device with the C167CS’s integrated Peripheral Event Controller
(PEC). Triggered by an interrupt request, the PEC performs a single word or byte data
transfer between any two locations in segment 0 (data pages 0 through 3) through one
of eight programmable PEC Service Channels. During a PEC transfer the normal
program execution of the CPU is halted for just 1 instruction cycle. No internal program
status information needs to be saved. The same prioritization scheme is used for PEC
service as for normal interrupt processing. PEC transfers share the 2 highest priority
levels.
Trap Functions
Trap functions are activated in response to special conditions that occur during the
execution of instructions. A trap can also be caused externally by the Non-Maskable
Interrupt pin NMI. Several hardware trap functions are provided for handling erroneous
conditions and exceptions that arise during the execution of an instruction. Hardware
traps always have highest priority and cause immediate system reaction. The software
trap function is invoked by the TRAP instruction, which generates a software interrupt for
a specified interrupt vector. For all types of traps the current program status is saved on
the system stack.
External Interrupt Processing
Although the C167CS does not provide dedicated interrupt pins, it allows to connect
external interrupt sources and provides several mechanisms to react on external events,
including standard inputs, non-maskable interrupts and fast external interrupts. These
interrupt functions are alternate port functions, except for the non-maskable interrupt and
the reset input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com