Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 60Page - Infineon Technologies AG C167CS Datasheet HTML 61Page - Infineon Technologies AG C167CS Datasheet HTML 62Page - Infineon Technologies AG C167CS Datasheet HTML 63Page - Infineon Technologies AG C167CS Datasheet HTML 64Page - Infineon Technologies AG C167CS Datasheet HTML 65Page - Infineon Technologies AG C167CS Datasheet HTML 66Page - Infineon Technologies AG C167CS Datasheet HTML 67Page - Infineon Technologies AG C167CS Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-14
V2.0, 2000-07
Note: Register SYSCON cannot be changed after execution of the EINIT instruction.
The function of bits XPER-SHARE, VISIBLE, WRCFG, BYTDIS, ROMEN and
ROMS1 is described in more detail in Chapter 9.
CLKEN
System Clock Output Enable (CLKOUT, cleared after reset)
0:
CLKOUT disabled: pin may be used for general purpose IO.
1:
CLKOUT enabled: pin outputs the system clock signal.
BYTDIS
Disable/Enable Control for Pin BHE (Set according to data bus width)
0:
Pin BHE enabled.
1:
Pin BHE disabled, pin may be used for general purpose IO.
ROMEN
Internal ROM Enable (Set according to pin EA during reset)
0:
Internal program memory disabled, accesses to the ROM area use
the external bus.
1:
Internal program memory enabled.
SGTDIS
Segmentation Disable/Enable Control (Cleared after reset)
0:
Segmentation enabled.
(CSP is saved/restored during interrupt entry/exit)
1:
Segmentation disabled (Only IP is saved/restored).
ROMS1
Internal ROM Mapping
0:
Internal ROM area mapped to segment 0 (00’0000H … 00’7FFFH).
1:
Internal ROM area mapped to segment 1 (01’0000H … 01’7FFFH).
STKSZ
System Stack Size
Selects the size of the system stack (in the internal RAM)
from 32 to 512 words.
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com