Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 37Page - Infineon Technologies AG C167CS Datasheet HTML 38Page - Infineon Technologies AG C167CS Datasheet HTML 39Page - Infineon Technologies AG C167CS Datasheet HTML 40Page - Infineon Technologies AG C167CS Datasheet HTML 41Page - Infineon Technologies AG C167CS Datasheet HTML 42Page - Infineon Technologies AG C167CS Datasheet HTML 43Page - Infineon Technologies AG C167CS Datasheet HTML 44Page - Infineon Technologies AG C167CS Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 517 page
background image
C167CS
Derivatives
Memory Organization
User’s Manual
3-4
V2.0, 2000-07
3.2
Internal RAM and SFR Area
The RAM/SFR area is located within data page 3 and provides access to the internal
RAM (IRAM, organized as X
× 16) and to two 512 Byte blocks of Special Function
Registers (SFRs).
The C167CS provides 3 KByte of IRAM.
Figure 3-3
System Memory Map
MCA04424
XRAM
00’8000
H
00’E000
H
Reserved
CAN1
ESFR Area
IRAM
Ext. Memory
XRAM
X-Peripherals
IRAM/SFR
SFR Area
00’E7FF
H
00’EF00
H
00’F000
H
00’F200
H
00’FFFF
H
00’FFFF
H
00’F000
H
00’C000
H
Note: New XBUS peripherals will be preferably placed into the shaded areas,
which now access external memory (bus cycles executed).
Reserved
XRAM
00’E000
H
00’D7FF
H
CAN2
00’EE00
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com