Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C167CS Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 97Page - Infineon Technologies AG C167CS Datasheet HTML 98Page - Infineon Technologies AG C167CS Datasheet HTML 99Page - Infineon Technologies AG C167CS Datasheet HTML 100Page - Infineon Technologies AG C167CS Datasheet HTML 101Page - Infineon Technologies AG C167CS Datasheet HTML 102Page - Infineon Technologies AG C167CS Datasheet HTML 103Page - Infineon Technologies AG C167CS Datasheet HTML 104Page - Infineon Technologies AG C167CS Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-18
V2.0, 2000-07
5.4
Saving the Status During Interrupt Service
Before an interrupt request that has been arbitrated is actually serviced, the status of the
current task is automatically saved on the system stack. The CPU status (PSW) is saved
along with the location, where the execution of the interrupted task is to be resumed after
returning from the service routine. This return location is specified through the Instruction
Pointer (IP) and, in case of a segmented memory model, the Code Segment Pointer
(CSP). Bit SGTDIS in register SYSCON controls, how the return location is stored.
The system stack receives the PSW first, followed by the IP (unsegmented) or followed
by CSP and then IP (segmented mode). This optimizes the usage of the system stack,
if segmentation is disabled.
The CPU priority field (ILVL in PSW) is updated with the priority of the interrupt request
that is to be serviced, so the CPU now executes on the new level. If a multiplication or
division was in progress at the time the interrupt request was acknowledged, bit MULIP
in register PSW is set to ‘1’. In this case the return location that is saved on the stack is
not the next instruction in the instruction flow, but rather the multiply or divide instruction
itself, as this instruction has been interrupted and will be completed after returning from
the service routine.
Figure 5-3
Task Status Saved on the System Stack
The interrupt request flag of the source that is being serviced is cleared. The IP is loaded
with the vector associated with the requesting source (the CSP is cleared in case of
segmentation) and the first instruction of the service routine is fetched from the
respective vector location, which is expected to branch to the service routine itself. The
data page pointers and the context pointer are not affected.
When the interrupt service routine is left (RETI is executed), the status information is
popped from the system stack in the reverse order, taking into account the value of bit
SGTDIS.
(Unsegmented)
PSW
System Stack after
Interrupt Entry
Interrupt Entry
System Stack before
a)
b)
SP
High
Addresses
Low
Addresses
--
--
--
SP
IP
--
MCD02226
b)
Interrupt Entry
System Stack after
(Segmented)
Task
Interrupted
Status of
CSP
PSW
IP
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com