Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 2Page - STMicroelectronics STULPI01B Datasheet HTML 3Page - STMicroelectronics STULPI01B Datasheet HTML 4Page - STMicroelectronics STULPI01B Datasheet HTML 5Page - STMicroelectronics STULPI01B Datasheet HTML 6Page - STMicroelectronics STULPI01B Datasheet HTML 7Page - STMicroelectronics STULPI01B Datasheet HTML 8Page - STMicroelectronics STULPI01B Datasheet HTML 9Page - STMicroelectronics STULPI01B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Application diagrams
STULPI01A - STULPI01B
6/44
1
Application diagrams
Figure 1.
Peripheral only. Configuration with external clock
Table 1.
Bill of materials - external components
Q.ty
Symbol
Value
Description
1CF1
0.1 - 1 µF
Filtering capacitor. Suggested components:
muRata 10 V X5R (GRM188R61A105KA61) or
muRata 10 V Y5V (GRM188F51A105ZA01) or
Taiyo Yuden 25V X5R (TMK107BJ105KA)
2CF4
0.1 - 1 µF
Filtering capacitor. Suggested components:
muRata 10 V X5R (GRM188R61A105KA61) or
muRata 10 V Y5V (GRM188F51A105ZA01) or
Taiyo Yuden 25V X5R (TMK107BJ105KA)
1CF2
1µF - 1.5 µF
Filtering capacitor. Suggested components:
muRata 10 V X5R (GRM188R61A105KA61) or
muRata 10 V Y5V (GRM188F51A105ZA01) or
Taiyo Yuden 25V X5R (TMK107BJ105KA)
1CF3
1 - 4.7 µF
Filtering capacitor. Suggested components:
muRata 10 V Y5V (GRM188F51A475ZE20) or
Taiyo Yuden 6.3 V X5R (JMK107BJ475KA)
1CT
4.7 µF
Tank capacitor
1RREF
12 k
Ω
Reference resistor
±1%
1
E1
USBULC6-2F3
1
E2
ESDA14V2-2BF3
1RBUS
2.2 k
Ω
Series over-voltage protection resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com