Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 8 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 4Page - STMicroelectronics STULPI01B Datasheet HTML 5Page - STMicroelectronics STULPI01B Datasheet HTML 6Page - STMicroelectronics STULPI01B Datasheet HTML 7Page - STMicroelectronics STULPI01B Datasheet HTML 8Page - STMicroelectronics STULPI01B Datasheet HTML 9Page - STMicroelectronics STULPI01B Datasheet HTML 10Page - STMicroelectronics STULPI01B Datasheet HTML 11Page - STMicroelectronics STULPI01B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Bump configuration
STULPI01A - STULPI01B
8/44
Bump
Symbol
Type
Description
F2
NC
Not connected.
E2
VB_REF_FAULT
I
Voltage reference for internal OC detector input or digital input from
external OC detector (V3V3V referred). 5V tolerant.
D4
PSWn
O
External charge pump control, active low. 5V tolerant, open drain.
F5
XI
I
External clock input (1V8VIO referred). Crystal terminal (on request).
F6
XO
O
Left floating or connect to GND when external clock signal is used.
Crystal terminal on request.
F3
VBAT
PWR
Battery power input for the LDO (3 V – 4.5 V). Bypass VBAT to GND with
a 1µF capacitor.
E3
3V3V
PWR
3.3V LDO output. Bypass 3V3V to GND with a 1.5µF capacitor.
E6
1V2V
PWR
1.2V LDO output. Bypass 1V2V to GND with a 1.5µF capacitor.
C2
RREF
I/O
Reference resistor (12k
Ω ±1%).
B2/B3/B5
1V8VIO
PWR
Digital I/O supply voltage 1.8V. Bypass each 1V8VIO to GND with a
100nF-1uF capacitor. Balls B2-B5 can share common capacitor.
C5/D2
GND
PWR
Ground.
B4/E4/E1
GND
PWR
Ground.
Table 2.
Pinout and bump description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com