Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 37 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 33Page - STMicroelectronics STULPI01B Datasheet HTML 34Page - STMicroelectronics STULPI01B Datasheet HTML 35Page - STMicroelectronics STULPI01B Datasheet HTML 36Page - STMicroelectronics STULPI01B Datasheet HTML 37Page - STMicroelectronics STULPI01B Datasheet HTML 38Page - STMicroelectronics STULPI01B Datasheet HTML 39Page - STMicroelectronics STULPI01B Datasheet HTML 40Page - STMicroelectronics STULPI01B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
STULPI01A - STULPI01B
ULPI registers
37/44
Table 23.
USB interrupt latch register
Address: 14h (Read-only with auto clear)
(These bits are set by the STULPI01 when an unmasked change occurs on the corresponding internal
signal. The STULPI01 will automatically clear all bits when the link reads this register, or when low power
mode is entered. The STULPI01 also clears this register when serial mode or car kit mode is entered
regardless of the value of ClockSuspendM. The interrupt circuitry is powered down in any mode when
both rising and falling edge enables are disabled. To ensure the interrupts are detectable when the clock
is powered down, the link should enable both rising and falling edges.
The STULPI01 follows the rules in Table 20 for setting any latch register bit. It is important to note that if
the register read data is returned to the Link in the same cycle that a USB interrupt latch bit is to be set,
the interrupt condition is given immediately in the register read data and the latch bit is not set.
Note that it is optional for the link to read the USB interrupt latch register in synchronous mode because
the RX CMD byte already indicates the interrupt source directly.)
Field name
Bits
Access
Reset
Description
Host disconnect
latch
0rd
0b
Set to 1b by the STULPI01 when an unmasked event
occurs on host disconnect. Cleared when this register is
read. Applicable only in host mode.
VbusValid latch
1rd
0b
Set to 1b by the STULPI01 when an unmasked event
occurs on VbusValid. Cleared when this register is read.
SessValid latch
2rd
0b
Set to 1b by the STULPI01 when an unmasked event
occurs on SessValid. Cleared when this register is read.
SessValid is the same as UTMI+Avalid.
SessEnd latch
3rd
0b
Set to 1b by the STULPI01 when an unmasked event
occurs on SessEnd. Cleared when this register is read.
ID latch
4rd
0b
Set to 1b by the STULPI01 when an unmasked event
occurs on ID. Cleared when this register is read. ID is valid
50ms after ID is set to 1b, otherwise ID is undefined and
should be ignored.
Reserved
7:5
rd
0b
Reserved
Table 24.
Setting rules for interrupt latch register
Input conditions
Resultant value of latch register bit
Register read data returned in
current clock cycle
Interrupt latch bit is to be set in
current clock cycle
No
No
0
No
Yes
1
Yes
No
0
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com