Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 19Page - STMicroelectronics STULPI01B Datasheet HTML 20Page - STMicroelectronics STULPI01B Datasheet HTML 21Page - STMicroelectronics STULPI01B Datasheet HTML 22Page - STMicroelectronics STULPI01B Datasheet HTML 23Page - STMicroelectronics STULPI01B Datasheet HTML 24Page - STMicroelectronics STULPI01B Datasheet HTML 25Page - STMicroelectronics STULPI01B Datasheet HTML 26Page - STMicroelectronics STULPI01B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
STULPI01A - STULPI01B
Block description
23/44
Low power mode is exited by asserting STP pin high. PLL is started immediately, and when
the clock becomes stable, it is passed on the output of CLK pin. Then after minimum of 5
clock cycles DIR is deasserted and low power mode is exited. SuspendM bit is reset to 1b.
Note:
STP signal must be kept high until the DIR is deasserted, otherwise low power mode will not
be exited.
6.16
Power down mode
Power down mode is entered by asserting the CSn/PWRDN pin high. Internal voltage
regulators are disabled, and the device has minimum possible power consumption.
STULPI01 has no wake-up capability or USB functionality during power down mode. This
mode can be exited by deasserting CSn/PWRDN pin. Voltage regulators will be turned on
and internal power-on-reset circuit will reset the chip to initial state. ULPI interface pins are
in high impedance state during power down mode.
6.17
VIO OFF mode
In case 1V8VIO voltage is below the minimum value, the VIO OFF mode is entered. The
behavior of the device in VIO OFF mode is the same as in power down mode.
6.18
Start-up procedure
6.18.1
ULPI device detection
Link detects ULPI device presence by sampling the DIR signal at the reset time (Figure 8).
The NXT signal is '0' after reset to signalize 8-bit device to link controller. CLK is '1' to
signalize a DDR capable device.
6.18.2
SDR mode selection
The STULPI01 samples the D0 line on the first rising edge of the output clock on the CLK
pin. When the sampled value is '0', the STULPI01 remains in SDR mode.
SDR mode can be selected again only after hardware reset. During software reset mode,
selection is not performed.
Note:
IMPORTANT: The controller must not drive the DATA lines to a value other than 0x00 or
0x01 during the first rising edge of ULPI CLK, otherwise the behavior of the device may be
undefined.
Table 11.
Low power mode
Signal
Map to
Dir
Description
linestate (0)
D0
out
Driven combinatorially from SE receivers
linestate (1)
D1
out
Driven combinatorially from SE receivers
reserved
D2
out
Reserved
INT
D3
out
Active high interrupt indication. Asserted whenever
any unmasked interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com