Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 7Page - STMicroelectronics STULPI01B Datasheet HTML 8Page - STMicroelectronics STULPI01B Datasheet HTML 9Page - STMicroelectronics STULPI01B Datasheet HTML 10Page - STMicroelectronics STULPI01B Datasheet HTML 11Page - STMicroelectronics STULPI01B Datasheet HTML 12Page - STMicroelectronics STULPI01B Datasheet HTML 13Page - STMicroelectronics STULPI01B Datasheet HTML 14Page - STMicroelectronics STULPI01B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
STULPI01A - STULPI01B
Electrical characteristics
11/44
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IIL
Low level input leakage
current
VIL = 0.2V
±1.0
µA
VPDH
High level input voltage
(CSn/PWRDN pin)
VBAT=3.0V to 4.5V
1.4
V
VPDL
Low level input voltage
(CSn/PWRDN pin)
VBAT=3.0V to 4.5V
0.4
V
IPDH
High level input leakage
current (CSn/PWRDN
pin)
VPD = 1.4V, VBAT = 4.5V
±1.0
µA
IPDL
Low level input leakage
current (CSn/PWRDN
pin)
VPD = 0.4V, VBAT = 4.5V
±1.0
µA
VFAULTH
High level input voltage
(VB_REF_FAULT pin)
Overcurrent_PD bit is set
0.65xV3V3
V
VFAULTL
Low level input voltage
(VB_REF_FAULT pin)
Overcurrent_PD bit is set
0.15xV3V3
V
RIN_VB_REF
VB_REF_FAULT pin input
resistance
112
148
168
k
Ω
VXI_HYST_EXT
External clock input
hysteresis
XO = ‘0’ @ reset
500
mV
VXIH
High level input voltage
(XI pin)
XO = ‘0’ @ reset
0.65xV1V8VIO
V
VXIL
Low level input voltage (XI
pin)
XO = ‘0’ @ reset
0.15xV1V8VIO
V
VBUS
VBUS_LKG
VBUS leakage voltage
No load
200
mV
RVBUS
VBUS input impedance
40
100
k
Ω
VBUS_VLD
VBUS valid comparator
threshold
1k
Ω series resistors
4.4
4.75
V
VSESS_VLD
Session valid comparator
threshold for both A and B
device
Low to high transition
0.8
1.45
2.0
V
High to low transition
1.25
V
VSESS_END
Session end comparator
threshold
0.2
0.8
V
RVBUS_PU
VBUS charge pull-up
resistance
650
950
1150
Ω
RVBUS_PD
VBUS discharge pull-down
resistance
800
1250
1500
Ω
Table 6.
Electrical characteristics (continued)
(Characteristics measured over recommended operating conditions unless otherwise noted.
All typical values are referred to TA = 25 °C, V1V8IO = 1.8 V, VBAT = 3.6 V,
RREF = 12 kΩ; CT = 4.7 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com