Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 21 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 17Page - STMicroelectronics STULPI01B Datasheet HTML 18Page - STMicroelectronics STULPI01B Datasheet HTML 19Page - STMicroelectronics STULPI01B Datasheet HTML 20Page - STMicroelectronics STULPI01B Datasheet HTML 21Page - STMicroelectronics STULPI01B Datasheet HTML 22Page - STMicroelectronics STULPI01B Datasheet HTML 23Page - STMicroelectronics STULPI01B Datasheet HTML 24Page - STMicroelectronics STULPI01B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
STULPI01A - STULPI01B
Block description
21/44
6.12
Power saving features
To reduce power consumption STULPI01 implements 2 low power modes of operation.
1. Low power mode, which is defined in ULPI specification.
2. Power-down mode to save more power in case USB function is not needed.
More information on these modes can be found in following paragraph:
6.13
Modes of operation
6.13.1
ULPI synchronous mode
STULPI01 transceiver supports SDR mode operation (12 pin interface). The selection of
SDR mode is performed during startup reset procedure.
6.13.2
6 pin FS/LS serial mode
This mode is entered by writing to corresponding bit in the Interface Control register.
6.13.3
3 pin FS/LS serial mode
This mode is entered by writing to corresponding bit in the Interface Control register.
Figure 7.
USB 2.0 PHY block diagram
HS
Ser-Des
LS/FS
Ser-Des
45 Ω
HS Disconnect Det.
Squelch Detector
LS/FS SE Receivers
3.3V
1.5kΩ
19.25kΩ
3.3V
1.5kΩ
19.25kΩ
DP
DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com