Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 6Page - STMicroelectronics STULPI01B Datasheet HTML 7Page - STMicroelectronics STULPI01B Datasheet HTML 8Page - STMicroelectronics STULPI01B Datasheet HTML 9Page - STMicroelectronics STULPI01B Datasheet HTML 10Page - STMicroelectronics STULPI01B Datasheet HTML 11Page - STMicroelectronics STULPI01B Datasheet HTML 12Page - STMicroelectronics STULPI01B Datasheet HTML 13Page - STMicroelectronics STULPI01B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Electrical characteristics
STULPI01A - STULPI01B
10/44
4
Electrical characteristics
Table 6.
Electrical characteristics
(Characteristics measured over recommended operating conditions unless otherwise noted.
All typical values are referred to TA = 25 °C, V1V8IO = 1.8 V, VBAT = 3.6 V,
RREF = 12 kΩ; CT = 4.7 µF)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Power consumption
IBAT
Supply current
Active mode (USB bus idle)
15
mA
Active mode (FS
transmission, 12Mb/s
traffic)
30
mA
Active mode (HS
transmission)
50
mA
Suspend mode (not
including DP pull-up
current, external clock
stopped)
120
µA
UART mode (no
transmission)
15
mA
Power down mode
0.4
2
µA
VIO OFF mode
(1V8VIO=0)
0.4
2
µA
I1V8VIO
ULPI bus supply current
1V8VIO
Power down mode
0.1
10
µA
Active mode, 4pF load
1.8
mA
Logic inputs and outputs
CULPIIN
ULPI port I/O capacitance
2.4
3.5
pF
VOH
High level output voltage
(ULPI bus)
IOH = -2 mA
V1V8VIO-0.15
V
VOL
Low level output voltage
(ULPI bus)
IOL = +2 mA
0.15
V
IOZH_PSWn
High level output leakage
(PSWn)
VOH_PSWn = 3.3V power
switch disabled
1.0
µA
VOL_PSWn
Low level output voltage
(PSWn)
IOL = +2 mA power switch
enabled
0.15
V
VIH
High level input voltage
(ULPI port and RESETn)
0.65xV1V8VIO
V
VIL
Low level input voltage
(ULPI port and RESETn)
0.35xV1V8VIO
V
IIH
High level input leakage
current
VIH = V1V8VIO-0.2V
±1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com