Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 35 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 31Page - STMicroelectronics STULPI01B Datasheet HTML 32Page - STMicroelectronics STULPI01B Datasheet HTML 33Page - STMicroelectronics STULPI01B Datasheet HTML 34Page - STMicroelectronics STULPI01B Datasheet HTML 35Page - STMicroelectronics STULPI01B Datasheet HTML 36Page - STMicroelectronics STULPI01B Datasheet HTML 37Page - STMicroelectronics STULPI01B Datasheet HTML 38Page - STMicroelectronics STULPI01B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
STULPI01A - STULPI01B
ULPI registers
35/44
Table 20.
USB interrupt enable rising register
0Dh-0Fh(Read), 0Dh(Write), 0Eh(Set), 0Fh(Clear)
(If set, the bits in this register cause an interrupt event notification to be generated when the
corresponding PHY signal changes from low to high. By default, all transitions are enabled. RxActive and
RxError must always be communicated immediately and so are not included in this register. Interrupt
circuitry can be powered down in any mode when both rising and falling edge enables are disabled. To
ensure interrupts are detectable when clock is powered down, the link should enable both rising and
falling edges.)
Field name
Bits
Access
Reset
Description
Host disconnect rise
0
rd/wr/s/c
1b
Generates an interrupt event notification when host
disconnect changes from low to high. Applicable only in
host mode (DpPulldown and DmPulldown both set to
1b).
VbusValid rise
1
rd/wr/s/c
1b
Generates an interrupt event notification when
VbusValid changes from low to high.
SessValid rise
2
rd/wr/s/c
1b
Generate an interrupt event notification when SessValid
changes from low to high. SessValid is the same as
UTMI+ Avalid.
SessEnd rise
3
rd/wr/s/c
1b
Generates an interrupt event notification when SessEnd
changes from low to high.
ID rise
4
rd/wr/s/c
1b
Generates an interrupt event notification when ID
changes from low to high. ID is valid 50ms after IdPullup
is set to 1b, otherwise ID is undefined and should be
ignored.
Reserved
7:5
rd/wr/s/c
0b
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com