Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STULPI01B
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STULPI01B Datasheet HTML 9Page - STMicroelectronics STULPI01B Datasheet HTML 10Page - STMicroelectronics STULPI01B Datasheet HTML 11Page - STMicroelectronics STULPI01B Datasheet HTML 12Page - STMicroelectronics STULPI01B Datasheet HTML 13Page - STMicroelectronics STULPI01B Datasheet HTML 14Page - STMicroelectronics STULPI01B Datasheet HTML 15Page - STMicroelectronics STULPI01B Datasheet HTML 16Page - STMicroelectronics STULPI01B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
STULPI01A - STULPI01B
Electrical characteristics
13/44
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VHSDNJ
HS data DN J state level
(1)
380
440
mV
VHSDNK
HS data DN K state level
-10
10
mV
VCHIRPJ
Chirp J level (differential
voltage)
(1)
700
1100
mV
VCHIRPK
Chirp K level (differential
voltage
-900
-500
mV
Full-speed/Low-speed receivers
VDI
Diff. receiver input
sensitivity (VDP-VDM)
VCM = 0.8 to 2.5V
200
mV
VSE_TH
SE receivers switching
threshold
Low to high transition
0.8
1.6
2.0
V
High to low transition
0.8
1.1
2.0
V
RINP
Input resistance
PU/PD resistors
deactivated
300
k
Ω
CIN
Input capacitance
(1)
5pF
Δ
CIN
Difference in capacitance
between DP and DM input
10
%
VDT_LKG
Data line leakage voltage
RPU_EXT = 300kΩ
342
mV
High-speed receiver
VHSSQ
HS squelch detector
threshold
100
150
mV
VHSDSC
HS disconnect detection
threshold
525
625
mV
VHSCM
HS data signaling
common mode volt. range
(1)
-50
500
mV
VHSTERM
Termination voltage in HS (1)
-10
10
mV
Data pull-up/Pull-down resistors
RPU
Data line pull-up
resistance (DP, DM)
1.425
k
Ω
VIHZ
FS idle high level voltage
2.7
V
RPD
Data line pull-down
resistance (DP, DM)
14.25
24.8
k
Ω
Voltage regulator
3V3V
3.3V internal power
supply voltage
VBAT = 3.6V, active mode
3.26
3.4
3.54
V
1V2V
1.2V internal power
supply voltage
VBAT = 3.6V, active mode
1.187
1.25
1.31
V
1.
Guaranteed by design.
Table 6.
Electrical characteristics (continued)
(Characteristics measured over recommended operating conditions unless otherwise noted.
All typical values are referred to TA = 25 °C, V1V8IO = 1.8 V, VBAT = 3.6 V,
RREF = 12 kΩ; CT = 4.7 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com