Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 7Page - STMicroelectronics TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics TS4995 Datasheet HTML 10Page - STMicroelectronics TS4995 Datasheet HTML 11Page - STMicroelectronics TS4995 Datasheet HTML 12Page - STMicroelectronics TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics TS4995 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TS4995
Electrical characteristics
11/26
Figure 20.
THD+N vs. frequency
Figure 21.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=3.3V, Po=300mW
Frequency (Hz)
RL = 8
Ω
G = 6dB
Cb = 1
μF
BW < 125kHz
Tamb = 25C
Vcc=5V, Po=850mW
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=3.3V, Po=300mW
Frequency (Hz)
RL = 8
Ω
G = 6dB
Cb = 0
BW < 125kHz
Tamb = 25C
Vcc=5V, Po=850mW
Figure 22.
THD+N vs. frequency
Figure 23.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=125mW
Vcc=3.3V, Po=225mW
Frequency (Hz)
RL = 16
Ω
G = 6dB
Cb = 1
μF
BW < 125kHz
Tamb = 25C
Vcc=5V, Po=500mW
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=125mW
Vcc=3.3V, Po=225mW
Frequency (Hz)
RL = 16
Ω
G = 6dB
Cb = 0
BW < 125kHz
Tamb = 25C
Vcc=5V, Po=500mW
Figure 24.
Output power vs. power supply
voltage
Figure 25.
Output power vs. power supply
voltage
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=125mW
Vcc=3.3V, Po=225mW
Frequency (Hz)
RL = 16
Ω
G = 6dB
Cb = 1
μF
BW < 125kHz
Tamb = 25C
Vcc=5V, Po=500mW
2,5
3,0
3,5
4,0
4,5
5,0
5,5
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
4
Ω
8
Ω
16
Ω
32
Ω
Cb = 1
μF
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com