Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4995 Datasheet HTML 1Page - STMicroelectronics TS4995 Datasheet HTML 2Page - STMicroelectronics TS4995 Datasheet HTML 3Page - STMicroelectronics TS4995 Datasheet HTML 4Page - STMicroelectronics TS4995 Datasheet HTML 5Page - STMicroelectronics TS4995 Datasheet HTML 6Page - STMicroelectronics TS4995 Datasheet HTML 7Page - STMicroelectronics TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TS4995
Electrical characteristics
5/26
3
Electrical characteristics
Table 4.
VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
ICC
Supply current
No input signal, no load
4
7
mA
ISTBY Standby current
No input signal, VSTBY = VSM = GND, RL = 8Ω
No input signal, VSTBY = VSM = VCC, RL = 8Ω
10
1000
nA
Voo
Differential output offset
voltage
No input signal, RL = 8Ω
0.110mV
VIC
Input common mode voltage
0
4.5
V
Po
Output power
THD = 1% Max, F= 1kHz, RL = 8Ω
0.8
1.2
W
THD + N
Total harmonic distortion +
noise
Po = 850mW rms, 20Hz ≤ F ≤ 20kHz, RL = 8Ω
0.5
%
PSRRIG
Power supply rejection ratio
with inputs grounded(1)
F = 217Hz, R = 8
Ω, Cin = 4.7µF, Cb =1µF
Vripple = 200mVPP
75(2)
90
dB
CMRR Common mode rejection ratio
F = 217Hz, RL = 8Ω, Cin = 4.7µF, Cb =1µF
Vic = 200mVPP
60
dB
SNR
Signal-to-noise ratio
A-weighted filter
RL = 8Ω, THD +N < 0.7%, 20Hz ≤ F ≤ 20kHz
100
dB
GBP
Gain bandwidth product
RL = 8Ω
2MHz
VN
Output voltage noise
20Hz
≤ F ≤ 20kHz, RL = 8Ω
Unweighted
A-weighted
Unweighted, standby
A-weighted, standby
11
7
3.5
1.5
µVRMS
Zin
Input impedance
15
20
25
k
Ω
-
Gain mismatch
5.5
6
6.5
dB
tWU
Wake-up time(3)
Cb =1µF
15
ms
1.
Dynamic measurements - 20*log(rms(Vout)/rms (Vripple)). Vripple is the super-imposed sinus signal relative to VCC.
2.
Guaranteed by design and evaluation.
3.
Transition time from standby mode to fully operational amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com