Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 12Page - STMicroelectronics TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics TS4995 Datasheet HTML 15Page - STMicroelectronics TS4995 Datasheet HTML 16Page - STMicroelectronics TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics TS4995 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Electrical characteristics
TS4995
16/26
Figure 50.
Current consumption vs. standby
voltage
Figure 51.
Frequency response
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Standby mode=2.6V
Standby Voltage (V)
Vcc = 2.6V
No load
Tamb = 25
°C
Standby mode=0V
100
1000
10000
0
1
2
3
4
5
6
7
8
20k
Cin=4.7
μF
Frequency (Hz)
Cin=330nF
Vcc = 5V
Gain = 6dB
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
Figure 52.
Frequency response
Figure 53.
Frequency response
100
1000
10000
0
1
2
3
4
5
6
7
8
20k
Cin=4.7
μF
Frequency (Hz)
Cin=330nF
Vcc = 3.3V
Gain = 6dB
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
100
1000
10000
0
1
2
3
4
5
6
7
8
20k
Cin=4.7
μF
Frequency (Hz)
Cin=330nF
Vcc = 2.6V
Gain = 6dB
ZL = 8
Ω + 500pF
Tamb = 25
°C
20
Figure 54.
SNR vs. power supply voltage with
unweighted filter
Figure 55.
SNR vs. power supply voltage with
A-weighted filter
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
118
120
RL=16
Ω
Power Supply Voltage (V)
F = 1kHz
G = 6dB
Cb = 1
μF
THD + N < 0.7%
Tamb = 25°C
RL=8
Ω
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100
102
104
106
108
110
112
114
116
118
120
RL=16
Ω
Power Supply Voltage (V)
F = 1kHz
G = 6dB
Cb = 1
μF
THD + N < 0.7%
Tamb = 25°C
RL=8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com