Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics TS4995 Datasheet HTML 20Page - STMicroelectronics TS4995 Datasheet HTML 21Page - STMicroelectronics TS4995 Datasheet HTML 22Page - STMicroelectronics TS4995 Datasheet HTML 23Page - STMicroelectronics TS4995 Datasheet HTML 24Page - STMicroelectronics TS4995 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TS4995
Application information
21/26
4.7
Shutdown time
When the standby command is set, the time required to put the two output stages in high
impedance and the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, the Bypass pin and Vin+, Vin- pins are shorted to ground by internal
switches. This allows a quick discharge of Cb and Cin.
4.8
Pop performance
Due to its fully differential structure, the pop performance of the TS4995 is close to perfect.
However, due to mismatching between internal resistors Rin, Rfeed, and external input
capacitors Cin, some noise might remain at startup. To eliminate the effect of mismatched
components, the TS4995 includes pop reduction circuitry. With this circuitry, the TS4995 is
close to zero pop for all possible common applications.
In addition, when the TS4995 is in standby mode, due to the high impedance output stage in
this configuration, no pop is heard.
4.9
Single-ended input configuration
It is possible to use the TS4995 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The schematic diagram in Figure 58
shows an example of this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com