Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4995 Datasheet HTML 1Page - STMicroelectronics TS4995 Datasheet HTML 2Page - STMicroelectronics TS4995 Datasheet HTML 3Page - STMicroelectronics TS4995 Datasheet HTML 4Page - STMicroelectronics TS4995 Datasheet HTML 5Page - STMicroelectronics TS4995 Datasheet HTML 6Page - STMicroelectronics TS4995 Datasheet HTML 7Page - STMicroelectronics TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Typical application schematics
TS4995
4/26
2
Typical application schematics
Figure 1.
Typical application
Table 3.
External component descriptions
Component
Functional description
Cs
Supply bypass capacitor that provides power supply filtering.
Cb
Bypass capacitor that provides half supply filtering.
Cin
Optional input capacitor that forms a high pass filter together with Rin.
(Fcl = 1 / (2 x π x Rin x Cin)
P1
Vin-
P2
Vin+
Cs1
1uF
VCC
Cin1
330nF
Cin2
330nF
Cbypass1
1uF
VCC
+
3
1
8
7
5
Vin-
Vin+
STDBY
Vo-
Vo+
BIAS
STBY
BYP ASS
STDBY MODE
TS4995
TS4995 FlipChip
8 Ohms
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com