Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 15Page - STMicroelectronics TS4995 Datasheet HTML 16Page - STMicroelectronics TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics TS4995 Datasheet HTML 20Page - STMicroelectronics TS4995 Datasheet HTML 21Page - STMicroelectronics TS4995 Datasheet HTML 22Page - STMicroelectronics TS4995 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TS4995
Application information
19/26
Therefore, the power dissipated by each amplifier is:
Pdiss = Psupply - Pout (W)
and the maximum value is obtained when:
and its value is:
Equation 3
Note:
This maximum value is only dependent on the power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
Equation 4
The maximum theoretical value is reached when Vpeak = VCC, so:
The maximum die temperature allowable for the TS4995 is 125° C. However, in case of
overheating, a thermal shutdown set to 150° C, puts the TS4995 in standby until the
temperature of the die is reduced by about 5° C.
To calculate the maximum ambient temperature Tamb allowable, you need to know:
●
The power supply voltage, VCC
●
The load resistor value, RL
●
The package type, Rthja
Example: VCC=5 V, RL=8 Ω, Rthja-flipchip= 100° C/W (100 mm
2 copper heatsink).
Using the power dissipation formula given above in Equation 3, this gives a result of:
Pdissmax = 633mW
Tamb is calculated as follows:
Equation 5
Therefore, the maximum allowable value for Tamb is:
Tamb = 125-100x0.633=61.7° C
P
diss
22V
CC
π R
L
---------------------- P
out Pout
–
=
∂Pdiss
∂P
out
--------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η=
P
out
P
supply
------------------- =
πV
peak
4V
CC
--------------------
η= π
4
----- = 78.5%
T
amb
125
° CR
thja
P
dissmax
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com