Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics TS4995 Datasheet HTML 10Page - STMicroelectronics TS4995 Datasheet HTML 11Page - STMicroelectronics TS4995 Datasheet HTML 12Page - STMicroelectronics TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics TS4995 Datasheet HTML 15Page - STMicroelectronics TS4995 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical characteristics
TS4995
12/26
Figure 26.
Output power vs. power supply
voltage
Figure 27.
Power derating curves
2,5
3,0
3,5
4,0
4,5
5,0
5,5
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
4
Ω
8
Ω
16
Ω
32
Ω
Cb = 1
μF
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
025
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
No Heat sink
Heat sink surface
≈ 100mm
2
Ambiant Temperature (
°C)
Figure 28.
Output power vs. load resistance
Figure 29.
Power dissipation vs. output power
4
6
8
10 12141618202224 2628 30 32
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Vcc=5.5V
Vcc=5V
Vcc=4.5V
Vcc=4V
Vcc=3.3V
Load Resistance (
Ω)
THD+N = 1%
F = 1kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Vcc=2.6V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4
Ω
Output Power (W)
Figure 30.
Power dissipation vs. output power Figure 31.
Power dissipation vs. output power
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
RL=4
Ω
RL=8
Ω
Vcc=3.3V
F=1kHz
THD+N<1%
RL=16
Ω
Output Power (W)
0.0
0.1
0.2
0.3
0.4
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
RL=4
Ω
RL=8
Ω
Vcc=2.6V
F=1kHz
THD+N<1%
RL=16
Ω
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com