Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics TS4995 Datasheet HTML 15Page - STMicroelectronics TS4995 Datasheet HTML 16Page - STMicroelectronics TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics TS4995 Datasheet HTML 20Page - STMicroelectronics TS4995 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TS4995
Application information
17/26
4
Application information
4.1
Differential configuration principle
The TS4995 is a monolithic full-differential input/ output power amplifier with fixed +6 dB
gain. The TS4995 also includes a common mode feedback loop that controls the output bias
value to average it at VCC/2 for any DC common mode input voltage. This allows maximum
output voltage swing, and therefore, to maximize the output power. Moreover, as the load is
connected differentially instead of single-ended, output power is four times higher for the
same power supply voltage.
The advantages of a full-differential amplifier are:
●
Very high PSRR (power supply rejection ratio)
●
High common mode noise rejection
●
Virtually no pop and click without additional circuitry, giving a faster start-up time
compared to conventional single-ended input amplifiers
●
Easier interfacing with differential output audio DAC
●
No input coupling capacitors required due to common mode feedback loop
In theory, the filtering of the internal bias by an external bypass capacitor is not necessary.
However, to reach maximum performance in all tolerance situations, it is recommended to
keep this option.
4.2
Common mode feedback loop limitations
As explained previously, the common mode feedback loop allows the output DC bias voltage
to be averaged at VCC/2 for any DC common mode bias input voltage.
Due to the VIC limitation of the input stage (see Table 4 on page 5), the common mode
feedback loop can fulfil its role only within the defined range.
4.3
Low frequency response
The input coupling capacitors block the DC part of the input signal at the amplifier inputs. Cin
and Rin form a first-order high pass filter with -3 dB cut-off frequency.
Note:
The input impedance for the TS4995 is typically 20k
Ω and there is tolerance around this
value.
From Figure 56, you can easily establish the Cin value required for a -3 dB cut-off frequency.
)
Hz
(
C
R
2
1
F
in
in
CL
×
×
π
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com