Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4995 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 16Page - STMicroelectronics TS4995 Datasheet HTML 17Page - STMicroelectronics TS4995 Datasheet HTML 18Page - STMicroelectronics TS4995 Datasheet HTML 19Page - STMicroelectronics TS4995 Datasheet HTML 20Page - STMicroelectronics TS4995 Datasheet HTML 21Page - STMicroelectronics TS4995 Datasheet HTML 22Page - STMicroelectronics TS4995 Datasheet HTML 23Page - STMicroelectronics TS4995 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Application information
TS4995
20/26
4.5
Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4995: a power supply bypass
capacitor CS and a bias voltage bypass capacitor Cb.
The CS capacitor has particular influence on the THD+N at high frequencies (above 7 kHz)
and an indirect influence on power supply disturbances. With a value for CS of 1 µF, one can
expect THD+N performance similar to that shown in the datasheet.
In the high frequency region, if CS is lower than 1 µF, then THD+N increases and
disturbances on the power supply rail are less filtered.
On the other hand, if CS is greater than 1 µF, then those disturbances on the power supply
rail are more filtered.
The Cb capacitor has an influence on the THD+N at lower frequencies, but also impacts
PSRR performance (with grounded input and in the lower frequency region).
4.6
Wake-up time tWU
When the standby is released to put the device ON, the bypass capacitor Cb is not charged
immediately. Because Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage is called the wake-up
time or tWU and is specified in Table 4 on page 5, with Cb=1 µF. During the wake-up phase,
the TS4995 gain is close to zero. After the wake-up time, the gain is released and set to its
nominal value.
If Cb has a value different from 1 µF, then refer to the graph in Figure 57 to establish the
corresponding wake-up time.
Figure 57.
Startup time vs. bypass capacitor
0.00.4
0.81.2
1.62.0
0
5
10
15
Tamb=25
°C
Vcc=2.6V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb (
μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com