Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 4Page - STMicroelectronics TS2007FC Datasheet HTML 5Page - STMicroelectronics TS2007FC Datasheet HTML 6Page - STMicroelectronics TS2007FC Datasheet HTML 7Page - STMicroelectronics TS2007FC Datasheet HTML 8Page - STMicroelectronics TS2007FC Datasheet HTML 9Page - STMicroelectronics TS2007FC Datasheet HTML 10Page - STMicroelectronics TS2007FC Datasheet HTML 11Page - STMicroelectronics TS2007FC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
TS2007FC
8/28
Table 7.
VCC = +3.6 V, GND = 0 V, Vic = 1.8 V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
3.1
mA
ICC-STBY
Standby current (1)
No input signal, VSTBY = GND
0.75
2
µA
Voo
Output offset voltage
Floating inputs, RL = 8 Ω
25
mV
Po
Output power
THD = 1% max, F = 1 kHz, RL = 4 Ω
THD = 1% max, F = 1 kHz, RL = 8 Ω
THD = 10% max, F = 1 kHz, RL = 4 Ω
THD = 10% max, F = 1 kHz, RL = 8 Ω
1.2
0.7
1.55
0.9
W
THD + N
Total harmonic distortion + noise
Po = 400 mWrms, G = 6 dB, F = 1 kHz, RL = 8 Ω
0.06
%
Efficiency
Efficiency
Po = 1.18 Wrms, RL = 4 Ω (with LC output filter)
Po = 0.7 Wrms, RL = 8 Ω (with LC output filter)
86
92
%
PSRR
Power supply rejection ratio with inputs grounded,
Cin = 1 µF
(2)
F = 217 Hz, RL = 8 Ω, Gain = 6 dB, Vripple = 200 mVpp
F = 217 Hz, RL = 8 Ω, Gain = 12 dB, Vripple = 200 mVpp
68
65
dB
CMRR
Common mode rejection ratio Cin = 1 µF, RL = 8 Ω,
20 Hz < F< 20 kHz, Gain = 6 dB,
ΔVICM = 200 mVpp
60
dB
Gain
Gain value
Gs = 0 V
GS = VCC
11.5
5.5
12
6
12.5
6.5
dB
Zin
Single ended input impedance (3)
68
75
82
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal-to-noise ratio (A-weighting), F=1 kHz, Po = 0.9 W
G = 6 dB, RL = 4 Ω (with LC output filter)
90
dB
tWU
Wake-up time
1
3
ms
tSTBY
Standby time
1
ms
VN
Output voltage noise, F = 20 Hz to 20 kHz, RL = 4 Ω
Unweighted (filterless, G = 6 dB)
A-weighted (filterless, G = 6 dB)
Unweighted (with LC output filter, G = 6 dB)
A-weighted (with LC output filter, G = 6 dB)
Unweighted (filterless, G = 12 dB)
A-weighted (filterless, G = 12 dB)
Unweighted (with LC output filter, G = 12 dB)
A-weighted (with LC output filter, G = 12 dB)
84
58
79
56
104
75
99
72
μVRMS
1.
Standby mode is active when VSTBY is tied to GND.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinus signal to VCC @ F= 217 Hz.
3.
Independent of gain configuration (6 or 12 dB) and between IN+ or IN- and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com