Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics TS2007FC Datasheet HTML 23Page - STMicroelectronics TS2007FC Datasheet HTML 24Page - STMicroelectronics TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics TS2007FC Datasheet HTML 27Page - STMicroelectronics TS2007FC Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Application information
TS2007FC
24/28
Figure 46.
LC output filter with RC network
4.11
Short-circuit protection
The TS2007 includes an output short-circuit protection. This protection prevents the device
from being damaged if there are fault conditions on the amplifier outputs.
When a channel is in operating mode and a short-circuit occurs directly between two
outputs (Out+ and Out-) or between an output and ground (Out+ and GND or Out- and
GND), the short-circuit protection detects this situation and puts the amplifier into standby.
To put the amplifier back into operating mode, put the standby pin to logical LO and then to
logical HI.
4.12
Thermal shutdown
The TS2007 device has an internal thermal shutdown protection in the event of extreme
temperatures to protect the device from overheating. Thermal shutdown is active when the
device reaches 150°C. When the temperature decreases to safe levels, the circuit switches
back to normal operation.
Table 12.
Example of component choice
Component
RL = 4 Ω
RL = 8 Ω
L1
15
μH / 1.4A
30
μH / 0.7A
L2
15
μH / 1.4A
30
μH / 0.7A
C1
2
μF / 10V
1
μF / 10V
C2
2
μF / 10V
1
μF / 10V
C3
1
μF / 10V
1
μF / 10V
R22
Ω / 0.25W
47
Ω / 0.25W
from TS2007
L
LC Output Filter
L1
C1
L2
C3
R
C2
R
OUT+
OUT-
RC network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com