Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics TS2007FC Datasheet HTML 23Page - STMicroelectronics TS2007FC Datasheet HTML 24Page - STMicroelectronics TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics TS2007FC Datasheet HTML 27Page - STMicroelectronics TS2007FC Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Package information
TS2007FC
26/28
Figure 49.
9-bump flip-chip package mechanical data
●
Die size: 1.57 mm x 1.57 mm ±30 µm
●
Die height (including bumps): 600 µm
●
Bump diameter: 315 µm ±50 µm
●
Bump diameter before reflow: 300 µm ±10 µm
●
Bump height: 250 µm ±40 µm
●
Die height: 350 µm ±20 µm
●
Pitch: 500 µm ±50 µm
●
Back coating layer height*: 40 µm ±10 µm
●
Coplanarity: 50 µm max
* Optional
600µm
40µm
600µm
40µm
1.57 mm
1.57 mm
0.5mm
0.5mm
∅ 0.25mm
1.57 mm
1.57 mm
0.5mm
0.5mm
∅ 0.25mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com