Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Electrical characteristics
TS2007FC
18/28
Figure 34.
CMRR vs. common mode input
voltage
Figure 35.
Gain vs. frequency
012
3
4
5
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.7V
Vcc=3V
Vcc=3.6V
Vcc=4.2V
ΔVic = 200mVpp
G = +12dB
F = 217Hz
RL =
≥ 4Ω + ≥ 15μH
T
AMB
= 25
°C
Vcc=5V
Common Mode Input Voltage (V)
100
1000
10000
0
1
2
3
4
5
6
7
8
RL=4
Ω +30μH
RL=4
Ω +15μH
RL=8
Ω +30μH
RL=8
Ω +15μH
No load
Frequency (Hz)
Set Gain = +6dB
Vin = 500mVpp
T
AMB
= 25
°C
Figure 36.
Gain vs. frequency
Figure 37.
Output offset vs. common mode
input voltage
100
1000
10000
6
7
8
9
10
11
12
13
14
RL=4
Ω +30μH
RL=4
Ω +15μH
RL=8
Ω +30μH
RL=8
Ω +15μH
No load
Frequency (Hz)
Set Gain = +12dB
Vin = 500mVpp
T
AMB
= 25
°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1E-3
0.01
0.1
1
10
G=+12dB
Vcc = 5V
RL = 8
Ω + 15μH
T
AMB
= 25
°C
Common Mode Input Voltage (V)
G=+6dB
Figure 38.
Output offset vs. common mode
input voltage
Figure 39.
Output offset vs. common mode
input voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1E-3
0.01
0.1
1
10
G=+12dB
Vcc = 3.6V
RL = 8
Ω + 15μH
T
AMB
= 25
°C
Common Mode Input Voltage (V)
G=+6dB
0.0
0.5
1.0
1.5
2.0
2.5
1E-3
0.01
0.1
1
10
G=+12dB
Vcc = 2.7V
RL = 8
Ω + 15μH
T
AMB
= 25
°C
Common Mode Input Voltage (V)
G=+6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com