Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 10Page - STMicroelectronics TS2007FC Datasheet HTML 11Page - STMicroelectronics TS2007FC Datasheet HTML 12Page - STMicroelectronics TS2007FC Datasheet HTML 13Page - STMicroelectronics TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Electrical characteristics
TS2007FC
14/28
Figure 10.
Efficiency vs. output power
Figure 11.
Efficiency vs. output power
0.0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
Vcc = 3.6V
F = 1kHz
RL = 8
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Vcc = 2.7V
F = 1kHz
RL = 4
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)
Figure 12.
Efficiency vs. output power
Figure 13.
Output power vs. power supply
voltage
0.00.1
0.20.3
0.40.5
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
Vcc = 2.7V
F = 1kHz
RL = 8
Ω + ≥ 15μH
THD+N
≤ 10%
BW
≤ 30kHz
T
AMB
= 25
°C
Power
Dissipation
Efficiency
Output Power (W)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RL=8
Ω +≥15μH
RL=4
Ω +≥15μH
F = 1kHz
BW < 30kHz
T
AMB
= 25
°C
Power supply voltage (V)
Figure 14.
Output power vs. power supply
voltage
Figure 15.
THD+N vs. output power
2.53.0
3.54.0
4.55.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RL=8
Ω +≥15μH
RL=4
Ω +≥15μH
F = 1kHz
BW < 30kHz
T
AMB
= 25
°C
Power supply voltage (V)
0.01
0.1
1
0.01
0.1
1
10
Vcc=4.2V
Vcc=3V
Vcc=2.7V
Vcc=3.6V
RL = 4
Ω + 15μH
F = 100Hz
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
Output power (W)
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com