Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics TS2007FC Datasheet HTML 23Page - STMicroelectronics TS2007FC Datasheet HTML 24Page - STMicroelectronics TS2007FC Datasheet HTML 25Page - STMicroelectronics TS2007FC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
TS2007FC
22/28
4.7
Shutdown time
When the standby command is set to high, the time required to put the two output stages
into high impedance and to put the internal circuitry in shutdown mode, is typically 1 ms.
This time is used to decrease the gain and avoid any pop noise during shutdown.
Note:
The gain decreases smoothly until the outputs are muted (see Figure 42 and Figure 43).
4.8
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300 k
Ωresistor. This resistor forces
the TS2007 to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage does not equal 0 V. This extra current is provided by the device that
drives the standby pin of the amplifier.
Referring to Table 2: Operating conditions on page 4, with a 0.4 V shutdown voltage pin for
example, you must add 0.4 V/300 k = 1.3 µA in typical (0.4 V/273 k = 1.46 µA maximum) to
the shutdown current specified in Table 5 to Table 9.
4.9
Single-ended input configuration
It is possible to use the TS2007 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The following schematic diagram
shows a typical single-ended input application.
Figure 44.
Typical application for single-ended input configuration
VCC
Cin
Cin
Input
Speaker
Cs
1uF
TS2007
Gain
Select
+
-
Standby
Control
A1
C1
A3
C3
PWM
H
Bridge
Oscillator
IN-
IN+
GS
Vcc
OUT+
OUT-
Standby
Gnd
Protection
Circuit
Gain select control
Standby control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com