Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 13Page - STMicroelectronics TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TS2007FC
Electrical characteristics
17/28
Figure 28.
THD+N vs. frequency
Figure 29.
PSRR vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=125mW
Po=250mW
Frequency (Hz)
Vcc = 2.7V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
Inputs grounded
Vcc = 5V, 4.2V, 3.6V, 3V, 2.7V
Vripple = 200mVpp
C
IN
= 1
μF
RL =
≥ 4Ω + ≥ 15μH
T
AMB
= 25
°C
G=+12dB
G=+6dB
Figure 30.
PSRR vs. common mode input
voltage
Figure 31.
PSRR vs. common mode input
voltage
012
3
4
5
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.7V
Vcc=3V
Vcc=3.6V
Vcc=4.2V
Vripple = 200mVpp
G = +6dB
F = 217Hz
RL =
≥ 4Ω + ≥ 15μH
T
AMB
= 25
°C
Vcc=5V
Common Mode Input Voltage (V)
0
1
23
45
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vripple = 200mVpp
G = +12dB
F = 217Hz
RL =
≥ 4Ω + ≥ 15μH
T
AMB
= 25
°C
Vcc=2.7V
Vcc=3V
Vcc=3.6V
Vcc=4.2V
Vcc=5V
Common Mode Input Voltage (V)
Figure 32.
CMRR vs. frequency
Figure 33.
CMRR vs. common mode input
voltage
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (dB)
ΔVicm = 200mVpp
G = +6dB, +12dB
Cin = 4.7
μF
RL =
≥ 4Ω + ≥ 15μH
Tamb = 25
°C
Vcc=5V, 4.2V, 3.6V, 3V, 2.7V
0
1
23
45
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=2.7V
Vcc=3V
Vcc=3.6V
Vcc=4.2V
ΔVic = 200mVpp
G = +6dB
F = 217Hz
RL =
≥ 4Ω + ≥15μH
T
AMB
= 25
°C
Vcc=5V
Common Mode Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com