Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 11Page - STMicroelectronics TS2007FC Datasheet HTML 12Page - STMicroelectronics TS2007FC Datasheet HTML 13Page - STMicroelectronics TS2007FC Datasheet HTML 14Page - STMicroelectronics TS2007FC Datasheet HTML 15Page - STMicroelectronics TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TS2007FC
Electrical characteristics
15/28
Figure 16.
THD+N vs. output power
Figure 17.
THD+N vs. output power
0.01
0.1
1
0.01
0.1
1
10
Vcc=4.2V
Vcc=3V
Vcc=2.7V
Vcc=3.6V
RL = 8
Ω + 15μH
F = 100Hz
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
Output power (W)
Vcc=5V
0.01
0.1
1
0.01
0.1
1
10
Vcc=4.2V
Vcc=3V
Vcc=2.7V
Vcc=3.6V
RL = 4
Ω + 15μH
F = 1kHz
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
Output power (W)
Vcc=5V
Figure 18.
THD+N vs. output power
Figure 19.
THD+N vs. frequency
0.01
0.1
1
0.01
0.1
1
10
Vcc=4.2V
Vcc=3V
Vcc=2.7V
Vcc=3.6V
RL = 8
Ω + 15μH
F = 1kHz
G = +6dB
BW < 30kHz
Tamb = 25
°C
Output power (W)
Vcc=5V
100
1000
10000
0.01
0.1
1
10
Po=700mW
Po=1400mW
Frequency (Hz)
Vcc = 5V
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
Figure 20.
THD+N vs. frequency
Figure 21.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=450mW
Po=900mW
Frequency (Hz)
Vcc = 5V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C
100
1000
10000
0.01
0.1
1
10
Po=500mW
Po=1000mW
Frequency (Hz)
Vcc = 4.2V
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
T
AMB
= 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com