Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007FC Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS2007FC
Description  3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007FC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS2007FC Datasheet HTML 16Page - STMicroelectronics TS2007FC Datasheet HTML 17Page - STMicroelectronics TS2007FC Datasheet HTML 18Page - STMicroelectronics TS2007FC Datasheet HTML 19Page - STMicroelectronics TS2007FC Datasheet HTML 20Page - STMicroelectronics TS2007FC Datasheet HTML 21Page - STMicroelectronics TS2007FC Datasheet HTML 22Page - STMicroelectronics TS2007FC Datasheet HTML 23Page - STMicroelectronics TS2007FC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
TS2007FC
20/28
4
Application information
4.1
Differential configuration principle
The TS2007 is a monolithic fully-differential input/output class D power amplifier. The
TS2007 includes a common-mode feedback loop that controls the output bias value to
average it at VCC/2 in the range of DC common mode input voltage. This allows the device
to always have a maximum output voltage swing, and by consequence, maximize the output
power. In addition, as the load is connected differentially compared to a single-ended
topology, the output is four times higher for the same power supply voltage.
A fully-differential amplifier has the following advantages.
●
High PSRR (power supply rejection ratio).
●
High CMRR (common mode noise rejection).
●
Virtually zero pop without additional circuitry, giving a faster start-up time than
conventional single-ended input amplifiers.
●
Easy interfacing with differential output audio DACs.
●
No input coupling capacitors required since there is a common mode feedback loop.
4.2
Gain settings
In the flat region of the frequency-response curve (no input coupling capacitor or internal
feedback loop + load effect), the differential gain can be set to either 6 or 12 dB depending
on the logic level of the GS pin.
Note:
Between the GS pin and VCC there is an internal 300 kΩ resistor. When the pin is floating
the gain is 6 dB. In standby mode, this internal resistor is disconnected (HiZ input).
4.3
Common mode feedback loop limitations
As explained previously, the common mode feedback loop allows the output DC bias voltage
to be averaged at VCC/2 for any DC common mode bias input voltage.
Due to the Vicm limitation of the input stage (see Table 2: Operating conditions), the common
mode feedback loop can fulfill its role only within the defined range.
4.4
Low frequency response
If a low frequency bandwidth limitation is required, it is possible to use input coupling
capacitors. In the low frequency region, the input coupling capacitor Cin has a greater effect.
Cin and the input impedance Zin form a first-order high-pass filter with a -3 dB cut-off
frequency (see Table 5 to Table 9).
Table 11.
GS pin gains
GS pin
Gain (dB)
Gain (V/V)
16 dB
2
012 dB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com