Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 8Page - STMicroelectronics STA308A Datasheet HTML 9Page - STMicroelectronics STA308A Datasheet HTML 10Page - STMicroelectronics STA308A Datasheet HTML 11Page - STMicroelectronics STA308A Datasheet HTML 12Page - STMicroelectronics STA308A Datasheet HTML 13Page - STMicroelectronics STA308A Datasheet HTML 14Page - STMicroelectronics STA308A Datasheet HTML 15Page - STMicroelectronics STA308A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Electrical specification
STA308A
12/63
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Recommended operating condition
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VDD
3.3-V I/O power supply
-0.5
4
V
VDDA
3.3-V logic power supply
-0.5
4
V
Vi
Voltage on input pins
-0.5
VDD +
0.5
V
Vo
Voltage on output pins
-0.5
VDD +
0.3
V
Tstg
Storage temperature
-40
150
°C
Tamb
Ambient operating temperature
-40
90
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-amb
Thermal resistance, junction to ambient
85
°C/W
Table 5.
Recommended operating condition
Symbol
Parameter
Min
Typ
Max
Unit
VDD
I/O power supply
3.0
3.6
V
VDDA
Logic power supply
3.0
3.6
V
Tj
Operating junction temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com