Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 26Page - STMicroelectronics STA308A Datasheet HTML 27Page - STMicroelectronics STA308A Datasheet HTML 28Page - STMicroelectronics STA308A Datasheet HTML 29Page - STMicroelectronics STA308A Datasheet HTML 30Page - STMicroelectronics STA308A Datasheet HTML 31Page - STMicroelectronics STA308A Datasheet HTML 32Page - STMicroelectronics STA308A Datasheet HTML 33Page - STMicroelectronics STA308A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
Registers
STA308A
30/63
7.2.8
Configuration register H (0x07)
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks will be audible.
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the input data to each processing channel after the channel-mapping block. If any channel
receives 2048 consecutive zero value samples (regardless of fs) then that individual
channel is muted if this function is enabled.
Bit
RW
RST
Name
Description
6
RW
0
DCCV
Distortion compensation variable enable
:
0: uses preset DC coefficient.
1: uses DCC coefficient.
Bit
RW
RST
Name
Description
7RW
0
MPCV
Max power correction variable:
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
D7
D6
D5
D4
D3
D2
D1
D0
ECLE
LDTE
BCLE
IDE
ZDE
SVE
ZCE
NSBW
01
11
11
10
Bit
RW
RST
Name
Description
0
RW
0
NSBW
Noise-shaper bandwidth selection:
1: 3rd order NS
0: 4th order NS
Bit
RW
RST
Name
Description
1RW
1
ZCE
Zero-crossing volume enable:
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Bit
RW
RST
Name
Description
2RW
1
SVE
Soft volume enable:
1: volume adjustments use soft volume
0: volume adjustments occur immediately
Bit
RW
RST
Name
Description
3RW
1
ZDE
Zero-detect mute enable: setting of 1 enables the
automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com