Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 45Page - STMicroelectronics STA308A Datasheet HTML 46Page - STMicroelectronics STA308A Datasheet HTML 47Page - STMicroelectronics STA308A Datasheet HTML 48Page - STMicroelectronics STA308A Datasheet HTML 49Page - STMicroelectronics STA308A Datasheet HTML 50Page - STMicroelectronics STA308A Datasheet HTML 51Page - STMicroelectronics STA308A Datasheet HTML 52Page - STMicroelectronics STA308A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
STA308A
Registers
49/63
7.2.53
Channel 1 and 2 output timing (0x33)
7.2.54
Channel 3 and 4 output timing (0x34)
7.2.55
Channel 5 and 6 output timing (0x35)
LnRT[3:0]
Dynamic range compression (DRC)
(db relative to volume + LnAT)
0000
-
∞
0001
-38 dB
0010
-36 dB
0011
-33 dB
0100
-31 dB
0101
-30 dB
0110
-28 dB
0111
-26 dB
1000
-24 dB
1001
-22 dB
1010
-20 dB
1011
-18 dB
1100
-15 dB
1101
-12 dB
1110
-9 dB
1111
-6 dB
D7
D6
D5
D4
D3
D2
D1
D0
C2OT2
C2OT1
C2OT0
C1OT2
C1OT1
C1OT0
10
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C4OT2
C4OT1
C4OT0
C3OT2
C3OT1
C3OT0
11
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
C6OT2
C6OT1
C6OT0
C5OT2
C5OT1
C5OT0
10
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com