Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 33Page - STMicroelectronics STA308A Datasheet HTML 34Page - STMicroelectronics STA308A Datasheet HTML 35Page - STMicroelectronics STA308A Datasheet HTML 36Page - STMicroelectronics STA308A Datasheet HTML 37Page - STMicroelectronics STA308A Datasheet HTML 38Page - STMicroelectronics STA308A Datasheet HTML 39Page - STMicroelectronics STA308A Datasheet HTML 40Page - STMicroelectronics STA308A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
STA308A
Registers
37/63
7.2.32
AUTO1 - AutoModes EQ, volume, GC (0x1F)
By setting AMEQ to any setting other than 00 enables AutoMode EQ, biquads 1-5 are not
user programmable. Any coefficient settings for these biquads will be ignored. Also when
AutoMode EQ is used the pre-scale value for channels 1-6 becomes hard-set to -18 dB.
AutoMode downmix setting uses channels 7-8 of Mix#1 engine and therefore these
channels of this function are fixed and not allowed to be user set when in this mode.
Channels 1-6 must be arranged via channel mapping (registers CnIM) if necessary in the
following manner for this operation:
Channel 1: left
Channel 2: right
Channel 3: left surround
Channel 4: right surround
Channel 5: center
Channel 6: LFE.
D7
D6
D5
D4
D3
D2
D1
D0
AMDM
AMGC2
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
00
00
00
00
Bit
RW
RST
Name
Description
1:0
RW
0
AMEQ[1:0]
Biquad 2-6 mode is:
00: user programmable
01: preset EQ - PEQ bits
10: graphic EQ - xGEQ bits
11: auto volume controlled loudness curve
Bit
RW
RST
Name
Description
3:2
RW
0
AMV[1:0]
AutoMode volume mode (MVOL) is:
00: MVOL 0.5 dB 256 steps (standard)
01: MVOL auto curve 30 steps
10: MVOL auto curve 40 steps
11: MVOL auto curve 50 steps
6:4
RW
0
AMGC[2:0]
AutoMode gain compression/limiters mode is:
000: user programmable GC
001: AC no clipping
010: AC limited clipping (10%)
011: DRC nighttime listening mode
100: DRC TV commercial/channel AGC
101: AC 5.1 no clipping
110: AC 5.1 limited clipping (10%)
Bit
RW
RST
Name
Description
7RW
0
AMDM
AutoMode 5.1 downmix:
0: normal operation
1: channels 7-8 are 2-channel downmix of channels
1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com