Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 25Page - STMicroelectronics STA308A Datasheet HTML 26Page - STMicroelectronics STA308A Datasheet HTML 27Page - STMicroelectronics STA308A Datasheet HTML 28Page - STMicroelectronics STA308A Datasheet HTML 29Page - STMicroelectronics STA308A Datasheet HTML 30Page - STMicroelectronics STA308A Datasheet HTML 31Page - STMicroelectronics STA308A Datasheet HTML 32Page - STMicroelectronics STA308A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
STA308A
Registers
29/63
7.2.7
Configuration register G (0x06)
The STA308A features a DDX processing mode that minimizes the amount of noise
generated in frequency range of AM radio. This mode is intended for use when DDX is
operating in a device with an AM tuner active. The SNR of the DDX processing is reduced to
~83 dB in this mode, which is still greater than the SNR of AM radio.
The STA308A features a 2 DDX processing modes that minimize the amount of noise
generated in frequency range of AM radio. This second mode is intended for use when DDX
is operating in a device with an AM tuner active. This mode eliminates the noise-shaper.
Channels 7 and 8 can be configured to be processed and output in such a manner that
headphones can be driven using and appropriate output device. This signal is a differential
3-wire drive called DDX Headphone.
D7
D6
D5
D4
D3
D2
D1
D0
MPCV
DCCV
HPE
AM2E
AME
COD
SID
PWMD
00
00
00
00
Bit
RW
RST
Name
Description
0RW
0
PWMD
PWM output disable:
0: PWM output normal
1: no PWM output
1RW
0
SID
Serial interface (I2S out) disable:
0: I2S output normal
1: no I2S output
2RW
0
COD
Clock output disable:
0: clock output normal
1: no clock output
Bit
RW
RST
Name
Description
3RW
0
AME
AM mode enable:
0: normal DDX operation.
1: AM reduction mode DDX operation.
Bit
RW
RST
Name
Description
4RW
0
AM2E
AM2 mode enable:
0: normal DDX operation.
1: AM2 reduction mode DDX operation.
Bit
RW
RST
Name
Description
5RW
0
HPE
DDX headphone enable:
0: channels 7 and 8 normal DDX operation
1: channels 7 and 8 headphone operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com