Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 36Page - STMicroelectronics STA308A Datasheet HTML 37Page - STMicroelectronics STA308A Datasheet HTML 38Page - STMicroelectronics STA308A Datasheet HTML 39Page - STMicroelectronics STA308A Datasheet HTML 40Page - STMicroelectronics STA308A Datasheet HTML 41Page - STMicroelectronics STA308A Datasheet HTML 42Page - STMicroelectronics STA308A Datasheet HTML 43Page - STMicroelectronics STA308A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
Registers
STA308A
40/63
7.2.35
PREEQ - Preset EQ settings (0x22)
D7
D6
D5
D4
D3
D2
D1
D0
XO2
XO1
XO0
PEQ4
PEQ3
PEQ2
PEQ1
PEQ0
10
10
00
00
XO[2:0]
Bass management
crossover frequency
000
70 Hz
001
80 Hz
010
90 Hz
011
100 Hz
100
110 Hz
101
120 Hz
110
140 Hz
111
160 Hz
PEQ[4:0]
Mode / setting
00000
Flat
00001
Rock
00010
Soft Rock
00011
Jazz
00100
Classical
00101
Dance
00110
Pop
00111
Soft
01000
Hard
01001
Party
01010
Vocal
01011
Hip-Hop
01100
Dialog
01101
Bass-boost #1
01110
Bass-boost #2
01111
Bass-boost #3
10000
Loudness 1
10001
Loudness 2
10010
Loudness 3
10011
Loudness 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com