Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 31Page - STMicroelectronics STA308A Datasheet HTML 32Page - STMicroelectronics STA308A Datasheet HTML 33Page - STMicroelectronics STA308A Datasheet HTML 34Page - STMicroelectronics STA308A Datasheet HTML 35Page - STMicroelectronics STA308A Datasheet HTML 36Page - STMicroelectronics STA308A Datasheet HTML 37Page - STMicroelectronics STA308A Datasheet HTML 38Page - STMicroelectronics STA308A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
STA308A
Registers
35/63
When ZCE = 0, volume updates occur immediately. Each channel also contains an
individual channel volume bypass. If a particular channel has volume bypassed via the
CnVBP = 1 register then only the channel volume setting for that particular channel affects
the volume setting, the master volume setting will not affect that channel. Each channel also
contains a channel mute. If CnM = 1 a soft mute is performed on that channel.
MV[7:0]
Volume offset from channel value
0x00
0 dB
0x01
-0.5 dB
0x02
-1 dB
……
0x4C
-38 dB
……
0xFE
-127 dB
0xFF
Hardware channel mute
CnV[7:0]
Volume
0x00
+48 dB
0x01
+47.5 dB
0x02
+47 dB
……
0x5F
+0.5 dB
0x60
0 dB
0x61
-0.5 dB
……
0xFE
-79.5 dB
0xFF
Hardware channel mute
CnVT[4:0]
Volume
0x00 to 0x06
+10 dB
0x07
+9 dB
……
0x0F
+1 dB
0x10
0 dB
0x11
-1 dB
……
0x19
-9 dB
0x1A to 0x1F
-10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com