Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 39Page - STMicroelectronics STA308A Datasheet HTML 40Page - STMicroelectronics STA308A Datasheet HTML 41Page - STMicroelectronics STA308A Datasheet HTML 42Page - STMicroelectronics STA308A Datasheet HTML 43Page - STMicroelectronics STA308A Datasheet HTML 44Page - STMicroelectronics STA308A Datasheet HTML 45Page - STMicroelectronics STA308A Datasheet HTML 46Page - STMicroelectronics STA308A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
STA308A
Registers
43/63
7.2.42
Mix internal channel loop-through (0x29)
Each internal processing channel can receive two possible sets of inputs at the inputs to the
Mix#1 block. The inputs can come from the outputs of the interpolation block as normally
occurs (CnMXLP = 0) or they can come from the outputs of the Mix#2 block. This enables
the use of additional filtering after the second mix block at the expense of losing this
processing capability on the channel.
7.2.43
EQ bypass (0x2A)
EQ control can be bypassed on a per channel basis. If EQ control is bypassed on a given
channel the prescale and all 10 filters (high-pass, biquads, de-emphasis, bass management
cross-over, bass, treble in any combination) are bypassed for that channel.
7.2.44
Tone control bypass (0x2B)
Tone control (bass/treble) can be bypassed on a per channel basis. If tone control is
bypassed on a given channel the two filters that tone control utilizes are made available as
user programmable biquads #9 and #10.
D7
D6
D5
D4
D3
D2
D1
D0
C8MXLP
C7MXLP
C6MXLP
C5MXLP
C4MXLP
C3MXLP
C2MXLP
C1MXLP
00
00
00
00
Bit
RW
RST
Name
Description
7:0
RW
0
CnMXLP
For n = 1 to 8:
0: inputs to channel n MIX#1 engine from interpolation
outputs - normal operation
1: inputs to channel n MIX#1 engine from MIX#2 engine
outputs - loop operation.
D7
D6
D5
D4
D3
D2
D1
D0
C8EQBP
C7EQBP
C6EQBP
C5EQBP
C4EQCBP C3EQBP
C2EQBP
C1EQBP
00
00
00
00
Bit
RW
RST
Name
Description
7:0
RW
0
CnEQBP
For n = 1 to 8:
0: perform EQ on channel n - normal operation
1: bypass EQ on channel n.
D7
D6
D5
D4
D3
D2
D1
D0
C8TCB
C7TCB
C6TCB
C5TCB
C4TCB
C3TCB
C2TCB
C1TCB
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com