Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA308A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 23Page - STMicroelectronics STA308A Datasheet HTML 24Page - STMicroelectronics STA308A Datasheet HTML 25Page - STMicroelectronics STA308A Datasheet HTML 26Page - STMicroelectronics STA308A Datasheet HTML 27Page - STMicroelectronics STA308A Datasheet HTML 28Page - STMicroelectronics STA308A Datasheet HTML 29Page - STMicroelectronics STA308A Datasheet HTML 30Page - STMicroelectronics STA308A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
STA308A
Registers
27/63
7.2.5
Configuration register E (0x04)
Each individual channel output can be set to output a binary PWM stream. In this mode
output A of a channel will be considered the positive output and output B is negative inverse.
7.2.6
Configuration register F (0x05)
The STA308A features an internal digital high-pass filter for the purpose of AC coupling. The
purpose of this filter is to prevent DC signals from passing through a DDX amplifier. DC
signals can cause speaker damage.
If HPB = 1, then the filter that the high-pass filter utilizes is made available as user-
programmable biquad#1.
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent on
the limiter settings.
D7
D6
D5
D4
D3
D2
D1
D0
C8BO
C7BO
C6BO
C5BO
C4BO
C3BO
C2BO
C1BO
00
00
00
00
Bit
RW
RST
Name
Description
0RW
0
C1BO
Channels 1, 2, 3, 4, 5, 6, 7, and 8 binary output
mode enable bits. A setting of 0 indicates ordinary
DDX tristate output. A setting of 1 indicates binary
output mode.
1RW
0
C2BO
2RW
0
C3BO
3RW
0
C4BO
4RW
0
C5BO
5RW
0
C6BO
6RW
0
C7BO
7RW
0
C8BO
D7
D6
D5
D4
D3
D2
D1
D0
PWMS2
PWMS1
PWMS0
BQL
PSL
DEMP
DRC
HPB
00
00
00
00
Bit
RW
RST
Name
Description
0RW
0
HPB
High-pass filter bypass bit: setting of one bypasses
internal AC coupling digital high-pass filter
Bit
RW
RST
Name
Description
1
RW
0
DRC
Dynamic range compression/anti-clipping
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com