Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 51Page - STMicroelectronics STA335BWS Datasheet HTML 52Page - STMicroelectronics STA335BWS Datasheet HTML 53Page - STMicroelectronics STA335BWS Datasheet HTML 54Page - STMicroelectronics STA335BWS Datasheet HTML 55Page - STMicroelectronics STA335BWS Datasheet HTML 56Page - STMicroelectronics STA335BWS Datasheet HTML 57Page - STMicroelectronics STA335BWS Datasheet HTML 58Page - STMicroelectronics STA335BWS Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
STA335BWS
Register description
55/68
6.12.17
Coefficient write/read control register
Coefficients for user-defined EQ, Mixing, Scaling, and Bass Management are handled
internally in the STA335BWS via RAM. Access to this RAM is available to the user via an
I2C register interface. A collection of I2C registers are dedicated to this function. One
contains a coefficient base address, five sets of three store the values of the 24-bit
coefficients to be written or that were read, and one contains bits used to control the
write/read of the coefficient(s) to/from RAM.
Three different RAM banks are embedded in STA335BWS. The 3 banks are managed in
paging mode using EQCFG register bits. They can be used to store different EQ settings.
For speaker frequency compensation, a sampling frequency independent EQ must be
implemented. Computing 3 different coefficients set for 32 kHz, 44.1kHz, 48 kHz and
downloading them in the 3 RAM banks, it is possible to select the suitable RAM block
depending from the incoming frequency with a simple I2C write operation on register 0x31.
For example, in case of different input sources (different sampling rates), the 3 different set
of coefficients can be downloaded once at the start up, and during the normal play it is
possible to switch among the 3 RAM blocks allowing a faster operation, without any
additional download from the microcontroller.
To write the coefficients in a particular RAM bank, this bank must be selected first writing bit
0 and bit 1 in register 0x31. Then the below write procedure can be used.
Note that as soon as a RAM bank is selected, the EQ settings will be automatically switched
to the coefficients stored in the active RAM block.
Note:
The read and write operation on RAM coefficients works only if LRCKI (pin 29) is switching.
Reading a coefficient from RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of address to I2C register 0x16.
3.
Write 1 to R1 bit in I2C address 0x26.
4.
Read top 8-bits of coefficient in I2C address 0x17.
5.
Read middle 8-bits of coefficient in I2C address 0x18.
6.
Read bottom 8-bits of coefficient in I2C address 0x19.
Reading a set of coefficients from RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6-bits of address to I2C register 0x16.
3.
Write 1 to RA bit in I2C address 0x26.
4.
Read top 8-bits of coefficient in I2C address 0x17.
5.
Read middle 8-bits of coefficient in I2C address 0x18.
6.
Read bottom 8-bits of coefficient in I2C address 0x19.
7.
Read top 8-bits of coefficient b2 in I2C address 0x1A.
8.
Read middle 8-bits of coefficient b2 in I2C address 0x1B.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
RA
R1
WA
W1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com