Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 26Page - STMicroelectronics STA335BWS Datasheet HTML 27Page - STMicroelectronics STA335BWS Datasheet HTML 28Page - STMicroelectronics STA335BWS Datasheet HTML 29Page - STMicroelectronics STA335BWS Datasheet HTML 30Page - STMicroelectronics STA335BWS Datasheet HTML 31Page - STMicroelectronics STA335BWS Datasheet HTML 32Page - STMicroelectronics STA335BWS Datasheet HTML 33Page - STMicroelectronics STA335BWS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Register description
STA335BWS
30/68
6.2.5
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
Channel Input Mapping registers. This allows for flexibility in processing. The default
settings of these registers map each I2S input channel to its corresponding processing
channel.
6.3
Configuration register C (addr 0x02)
6.3.1
DDX power output mode
The DDX power output mode selects how the DDX output timing is configured.
Different power devices use different output modes.
Bit
R/W
RST
Name
Description
6R/W
0
C1IM
0: Processing channel 1 receives Left I2S Input
1: Processing channel 1 receives Right I2S Input
7R/W
1
C2IM
0: Processing channel 2 receives Left I2S Input
1: Processing channel 2 receives Right I2S Input
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
0
1
011
1
Bit
R/W
RST
Name
Description
0R/W
1
OM0
Selects configuration of DDX output.
1R/W
1
OM1
Table 14.
Output modes
OM[1,0]
Output stage mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com