Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 23Page - STMicroelectronics STA335BWS Datasheet HTML 24Page - STMicroelectronics STA335BWS Datasheet HTML 25Page - STMicroelectronics STA335BWS Datasheet HTML 26Page - STMicroelectronics STA335BWS Datasheet HTML 27Page - STMicroelectronics STA335BWS Datasheet HTML 28Page - STMicroelectronics STA335BWS Datasheet HTML 29Page - STMicroelectronics STA335BWS Datasheet HTML 30Page - STMicroelectronics STA335BWS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
STA335BWS
Register description
27/68
6.1.4
Thermal warning adjustment bypass
The on-chip STA335BWS power output block provides feedback to the digital controller
using inputs to the power control block. The TWARN input is used to indicate a thermal
warning condition. When TWARN is asserted (set to 0) for a period of time greater than
400 ms, the power control block forces a -3 dB output limit (determined by TWOCL in the
coefficient RAM) to the modulation limit in an attempt to eliminate the thermal warning
condition. Once the thermal warning output limit adjustment is applied, it remains in this
state until reset, unless FDRB = 0.
6.1.5
Fault detect recovery bypass
The on-chip STA335BWS power output block provides feedback to the digital controller
using inputs to the power control block. The FAULT input is used to indicate a fault condition
(either over-current or thermal). When FAULT is asserted (set to 0), the power control block
attempts a recovery from the fault by asserting the tri-state output (setting it to 0 which
directs the power output block to begin recovery), holds it at 0 for period of time in the range
of 0.1 ms to 1 s as defined by the fault-detect recovery constant register (FDRC registers
0x29, 0x2A), then toggles it back to 1. This sequence is repeated as log as the fault
indication exists. This feature is enabled by default but can be bypassed by setting the
FDRB control bit to 1.
6.2
Configuration register B (addr 0x01)
6.2.1
Serial audio input interface format
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: Thermal warning adjustment enabled
1: Thermal warning adjustment disabled
Bit
R/W
RST
Name
Description
7R/W
0
FDRB
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
1
0
0
0
000
0
Bit
R/W
RST
Name
Description
0
R/W
0
SAI0
Determines the interface format of the input serial
digital audio interface.
1
R/W
0
SAI1
2
R/W
0
SAI2
3
R/W
0
SAI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com