Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWS Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA335BWS
Description  2.1-channel high-efficiency digital audio system
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWS Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA335BWS Datasheet HTML 57Page - STMicroelectronics STA335BWS Datasheet HTML 58Page - STMicroelectronics STA335BWS Datasheet HTML 59Page - STMicroelectronics STA335BWS Datasheet HTML 60Page - STMicroelectronics STA335BWS Datasheet HTML 61Page - STMicroelectronics STA335BWS Datasheet HTML 62Page - STMicroelectronics STA335BWS Datasheet HTML 63Page - STMicroelectronics STA335BWS Datasheet HTML 64Page - STMicroelectronics STA335BWS Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
STA335BWS
Register description
61/68
6.17
EQ coefficients and DRC configuration register (addr 0x31)
AC0, AC1, AC2 settings are designed for loudspeaker protection function, limiting at the
minimum any audio artefact introduced by typical anti-clipping/DRC algorithms. More
detailed information can be retrieved in the “Configurable output power rate using
STA335BW” and “STA335BWS vs STA335BW” application notes.
Bit XOB can be used to bypass the crossover filters. Logic 1 means that the function is not
active. In this case, high pass crossover filter works as a pass through on the data path
(b0 = 1, all the other coefficients at logic 0) while the low pass filter is configured to have
zero signal on channel 3 data processing (all the coefficients are at logic 0).
D7
D6
D5
D4
D3
D2
D1
D0
XOB
Reserved
AMGC[3]
AMGC[2]
reserved
SEL1
SEL0
00
00
000
0
Table 32.
SEL bitfield description
SEL[1,0]
EQ RAM bank selected
00/11
Bank 0 activated
01
Bank 1 activated
10
Bank 2 activated
Table 33.
AMGC bitfield description
AMGC[3,2]
Anti-clipping and DRC preset selected
00
DRC/Anti-clipping (default)
01
DRC/Anti-clipping
10/11
Reserved, do not use
Table 34.
AMGC bitfield description
AMGC[1:0]
Mode
00
AC0, stereo anti-clipping 0dB limiter
01
AC1, stereo anti-clipping +1.25dB limiter
10
AC2, stereo anti-clipping +2dB limiter
11
reserved do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com